Part Number Hot Search : 
50100 0XB6TR S1616 KMC4S050 ZMM525 XCM21 BYV40E STK4221
Product Description
Full Text Search
 

To Download APA-648-G-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.samtec.com apa?318?g?j apa?324?g?a apa?640?t?p f-209 supplement ?m, ?n or ?p = interconnect post component no. = t-1r14- apa series style a component no. = t-1r0- style a1 component no. = t-1r5- component no. = t-1s4-1-1 ?a ?a1 ?a or ?a1 = round pin ?d = wire-wrap adaptor plugs specify from chart below note: some sizes, styles and options are non-standard, non-returnable. (0,64) .025 (0,46) .018 lead style ?g = 20" (0,58m) gold ?t = tin plating option component no. = t-1r2- ?c = slotted head x (4,22) .166 (1,78) .070 dia (0,46) .018 dia (3,96) .156 (4,85) .191 (0,38) .015 (4,72) .186 .015 (2,54) .100 (3,18) .125 .015 (0,46) .018 dia (3,96) .156 (4,85) .191 (0,38) .015 (2,54) .100 (0,89) .035 (1,83) .072 dia (2,54) .100 (13,46) .530 .015 (1,78) .070 dia (0,46) .018 dia (4,85) .191 (0.38) .015 (0,64) .025 sq (12,95) .510 (3,96) .156 (2,54) .100 (0,46) .018 dia (1,27) .050 dia (1,78) .070 dia (0,46) .018 dia (3,81) .150 (3,18) .125 (3,18) .125 y (0,51) .020 dia (3,18) .125 (5,08) .200 (0,38) .015 (1,83) .072 dia (1,07) .042 dia (2,54) .100 component no. = s-1p1- row spacing & no. of pins apa mates with: ico, ica, cic * ?322 has no cross bar on one end. row space * 08 14 16 18 20 22 24 28 22 24 28 32 40 48 ?308 ?314 ?316 ?318 ?320 ?322 ?324 ?328 ?422 ?624 ?628 ?632 ?640 ?648 .300 (7,62) .400 (10,16) .600 (15,24) (2,54) .100 x no. of positions row spacing +(2,41) .095 except ?h is + (2,54) .100 (7,64) .300 (10,16) .400 or (15,24) .600 (2,54) .100 (2,54) .100 x no. of spaces (2,54) .100 no. of pins not available with -328 body. ?j = solder shell ? side & end stackable ? great for auto insertion ? open body design specifications for complete speci? cations see www.samtec.com?apa insulator material: black glass filled polyester except -328 is lcp flammability rating: ul 94v-o insulation resistance: 5000 m min operating temp range: -55c to +105c with tin; -55c to +125c with gold. withstanding voltage: 1000 vrms terminal material: brass except styles ?m, ?n and ?p are phosphor bronze or brass plating: au over 50" (1,27mm) ni or sn over 100" (2,54mm) cu or 50" (1,27mm) ni current rating: 1 a terminal retention in body: 5 lbs (22,25n) against barb features x dia style ?m ?n ?p (1,52) .060 (4,69) .185 (11,05) .435 y style mold-to-position product minimums or set-up charges may apply. call samtec.


▲Up To Search▲   

 
Price & Availability of APA-648-G-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X